PART |
Description |
Maker |
MJ15003 MJ15004 ON1980 |
From old datasheet system 20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS POWER TRANSISTORS COMPLEMENTARY SILICON 20 A, 140 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semiconductor
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
D44H06 D45H8G D44H D44H11 D44H11G D44H8 D44H8G D45 |
Complementary Silicon Power Transistor(互补型PNP硅功率晶体管) Complementary Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MJH11018 MJH11019 MJH11020 MJH11021 MJH11022 MJH11 |
From old datasheet system 15 AMPERE DARLINGTON COMPLEMENTARY SILICON DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
ONSEMI[ON Semiconductor]
|
BD787 ON0199 BD788 |
POWER TRANSISTORS COMPLEMENTARY SILICON From old datasheet system Complementary Plastic Silicon Power Transistors
|
Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|
TIP121 TIP120 TIP127 TIP122 TIP126 TIP125 ON2979 |
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
MJ14001 MJ14003 MJ14002 ON1978 |
60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS 60 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-204AE 60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS 60 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-204AE From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2N604006 2N6042G 2N6040G 2N6043G 2N6045G 2N6040 2N |
Plastic Medium−Power Complementary Silicon Transistors Plastic Medium?Power Complementary Silicon Transistors
|
http:// ONSEMI[ON Semiconductor]
|
NTHD3100C NTHD3100CT1 NTHD3100CT1G NTHD3100CT3 NTH |
Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™ Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™; Package: ChipFET™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 3000 2.9 A, 20 V, 0.08 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET Power MOSFET 20V, 3.9A/4.4A, Complementary ChipFET(20V, 3.9A/4.4A功率MOSFET) Power MOSFET 20 V, 3.9 A /−4.4 A, Complementary ChipFET
|
ON Semiconductor
|
2SA886 2SA0886 |
Power Device - Power Transistors - Others Silicon PNP epitaxial planar type (For low-frequency power amplification Complementary)
|
PANASONIC[Panasonic Semiconductor]
|
2N4901 2N4903 2N4902 |
COMPLEMENTARY SILICON POWER TRANSITORS Leaded Power Transistor General Purpose
|
Central Semiconductor C...
|